Part Number Hot Search : 
OL5112L K5551 GS152 MK325B 2N542 AD104 IP2524B TA1190A
Product Description
Full Text Search
 

To Download 2SK319 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 1 isc n-channel mosfet transistor 2SK319 description drain current C i d =5a@ t c =25 drain source voltage- : v dss = 400v(min) fast switching speed applications high speed power switching. absolute maximum ratings(t a =25 ) symbol arameter value unit v dss drain-source voltage (v gs =0) 400 v v gs gate-source voltage 20 v i d drain current-continuous@ tc=25 5 a p tot total dissipation@tc=25 50 w t j max. operating junction temperature 150 t stg storage temperature range -55~150 pdf pdffactory pro www.fineprint.cn
inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 2 isc n-channel mosfet transistor 2SK319 electrical characteristics (t c =25 ) symbol parameter conditions min typ max unit v (br)dss drain-source breakdown voltage v gs =0; i d = 10ma 400 v v gs(th) gate threshold voltage v ds = 10v gs ; i d = 1ma 1.0 5.0 v r ds(on) drain-source on-stage resistance v gs = 15v; i d = 3a 1.10 1.83 i gss gate source leakage current v gs = 20v; v ds = 0 1 ua i dss zero gate voltage drain current v ds =320v; v gs = 0 1 ma v sd diode forward voltage i f = 3a; v gs =0 0.85 v tr rise time v gs =15v;i d =2a;r l =15 35 ns ton turn-on time 50 ns tf fall time 35 ns toff turn-off time 120 ns pdf pdffactory pro www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of 2SK319

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X